Part Number Hot Search : 
ER3400 M3032J XXX3X 200Q2 8572E MJH6286 LC721 KS926S2
Product Description
Full Text Search
 

To Download MDX-01AD1046B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS MODULES & SUBSYSTEMS
WaveReady 100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
Key Features
TM
* MUX/DEMUX of one, four, or eight ITU 100 GHz spaced channels onto a fiber pair * Add/drop up to eight channels at remote sites * Upgradeable to 32 channels per fiber * Low pass-through insertion loss for C-band channels * Fits into standard LGXTM-mounting solutions * Thermally stable passive optics require no power
Applications
* Improves capacity exhaust in fiber-constrained situations * Conserves or reclaims fiber with DWDM * Supports point-to-point multichannel * Supports linear (bus) add/drop and hub-and-spoke ring architectures
The JDSU WaveReady 100 GHz Optical Add/Drop Modules (OADM) comprise a family of flexible, low-cost solutions to enable capacity expansion of existing fiber. Through use of dense wavelength division multiplexing (DWDM) technology, a single optical fiber can carry up to 32 discrete optical channels. The 100 GHz DWDM OADM is configurable as both an OADM and a terminal multiplexer and demultiplexer (MUX/DEMUX) to support a broad range of architectures ranging from scalable point-to-point links to four-fiber protected rings. Innovative band upgrade ports allow for in-service pay-as-you-grow capacity scaling in multiples of one, four, or eight channels, allowing for lowest first-day cost without limiting growth. Market standard LGX packaging is readily deployed in existing LGX-compatible frames or can be adapted into the WaveReady line of shelves. The 100 GHz OADM is designed to operate with both the WaveReady line of transponder and optical regenerator solutions and ITU transponder cards of widely available transmission equipment.
Compliances
* Telcordia GR-1221 * RoHS compliant (exemptions 7b, 8a)
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com/test
100 GHZ DWDM OADM
2
Functional Diagrams
1-Channel DWDM OADM Channel 1 Drop Upgrade (Thru) Output
4-Channel DWDM OADM
8-Channel DWDM OADM
East Input
Line Input Line Input Channels 1-4 Drop
Channels 1-8 Drop
East Output
Channel 1 Add Upgrade (Thru) Input
Upgrade (Thru) Output
Upgrade (Thru) Output Upgrade (Thru) Input
West Input
Channel 1 Drop Upgrade (Thru) Output Line Output
Upgrade (Thru) Input Line Output Channels 1-4 Add Channels 1-8 Add
West Output
Channel 1 Add Upgrade (Thru) Input
Sample Configurations
Point-to-Point DWDM
Upgrade
Protected Linear (Bus) Network
HEADEND 1
RT1
OADM8 Upgrade OADM1
OADM4 OADM4 OADM4
Upgrade
OADM4 OADM4 OADM4
HEADEND 2
RT2
OADM8 OADM4 OADM4
Protected Ring (Hub and Spoke)
OADM4
Upgrade
OADM4
HUB
RT1
OADM8 OADM8 Upgrade OADM4 OADM4
Upgrade
RT4
OADM1
RT3
OADM1
RT2
OADM1
100 GHZ DWDM OADM
3
Specifications1
Parameter Network Optical Mux/add insertion loss Demux/drop insertion loss Upgrade path insertion loss Optical pass-through insertion loss Channel passband Channel flatness Channel loss uniformity Isolation Adjacent ITU 100 GHz channel Non-adjacent ITU 100 GHz channel Through channel add/drop Optical return loss Maximum input optical power - Sum of all ports Polarization dependent loss (PDL) Polarization mode dispersion (PMD) Physical Size (H x W x L)
1-Channel2
4-Channel
8-Channel
Maximum Typical Maximum Typical Maximum Maximum Minimum Minimum
1.4 dB 1.0 dB 1.4 dB 1.0 dB 0.9 dB 1.8 dB 0.1 nm 0.5 dB -- 25 dB 50 dB 30 dB 40 dB 1W 0.2 dB 0.2 ps 129.5 x 28.4 x 160.3 mm (5.10 x 1.12 x 6.31 in) single-slot LGX Duplex LC/PC 0.45 kg (1 lb)
3.7 dB 2.6 dB 3.7 dB 2.6 dB 0.9 dB 1.8 dB 0.1 nm 0.5 dB 1 dB 25 dB 50 dB 30 dB 40 dB 1W 0.2 dB 0.2 ps 129.5 x 28.4 x 160.3 mm (5.10 x 1.12 x 6.31 in) single-slot LGX Duplex LC/PC 0.45 kg (1 lb) -5 to 70C -40 to 85C 5 to 85%
4.0 dB 3.2 dB 4.0 dB 3.2 dB 1.2 dB 2.4 dB 0.1 nm 0.5 dB 1 dB 25 dB 50 dB 30 dB 40 dB 1W 0.2 dB 0.2 ps 129.5 x 57.7 x 160.3 mm (5.10 x 2.27 x 6.31 in) double-slot LGX Duplex LC/PC 0.91 kg (2 lb)
Minimum Minimum Minimum Minimum
Maximum Maximum
Optical connector type, all ports Weight, approximate Environmental Operating ambient temperature Storage temperature Relative humidity, non-condensing
1. All specifications are guaranteed over the life, operating temperatures, and wavelength range specified. 2 One-channel DWDM OADM provides add/drop functionality for two fiber pairs. Optical specifications for east and west interfaces are identical.
100 GHZ DWDM OADM
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America, +1 800-5378-JDSU worldwide or via e-mail at sales@jdsu.com.
Sample: MDX-04MD1001B
MDXCode 01AD 04MD 08MD Channels 1 2 3
10
Channel Plan Codes 61 -- -- 60 01 0A 59 01 0A 58 01 0A 57 01 0A 56 -- -- 55 02 0A 54 02 0A 53 02 0A 52 02 0A 51 -- -- 50 03 0B 49 03 0B 48 03 0B 47 03 0B 46 -- -- 45 04 0B 44 04 0B 43 04 0B 42 04 0B 41 -- -- 40 -- -- 39 -- -- 38 05 0C 37 05 0C 36 05 0C 35 05 0C 34 -- -- 33 06 0C 32 06 0C 31 06 0C 30 06 0C 29 -- -- 28 07 0D 27 07 0D 26 07 0D 25 07 0D 24 -- -- 23 08 0D 22 08 0D 21 08 0D 20 08 0D 19 -- -- 18 -- --
B
ITU Number 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 Frequency (THz) 196.10 196.00 195.90 195.80 195.70 195.60 195.50 195.40 195.30 195.20 195.10 195.00 194.90 194.80 194.70 194.60 194.50 194.40 194.30 194.20 194.10 194.00 193.90 193.80 193.70 193.60 193.50 193.40 193.30 193.20 193.10 193.00 192.90 192.80 192.70 192.60 192.50 192.40 192.30 192.20 192.10 192.00 191.90 191.80 Wavelength (nm) 1528.77 1529.55 1530.33 1531.12 1531.9 1532.68 1533.47 1534.25 1535.04 1535.82 1536.61 1537.4 1538.19 1538.98 1539.77 1540.56 1541.35 1542.14 1542.94 1543.73 1544.53 1545.32 1546.12 1546.92 1547.72 1548.51 1549.32 1550.12 1550.92 1551.72 1552.52 1553.33 1554.13 1554.94 1555.75 1556.55 1557.36 1558.17 1558.98 1559.79 1560.61 1561.42 1562.23 1563.05
Note: Contact your JDSU representative for required ITU wavelengths in the range of 1563.86 to 1527.99 nm.
LATIN AMERICA NORTH AMERICA: 800 498-JDSU (5378) 11 5503 3800 TEL: +55 FAX: +55 11 5505 1598
ASIA PACIFIC WORLDWIDE: +800 5378-JDSU TEL: +852 2892 0990 FAX: +852 2892 0770
WEBSITE: www.jdsu.com EMEA WEBSITE: www.jdsu.com/test TEL: +49 7121 86 2222 FAX: +49 7121 86 1222 September 2008 10143156 002 0908 DWDMOADM.DS.CMS.TM.AE
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation


▲Up To Search▲   

 
Price & Availability of MDX-01AD1046B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X